PART |
Description |
Maker |
REF02HP REF01Z REF02Z REF01 REF02HSA REF01HSA REF0 |
DBL DEN JACKSCREW F172 5V 10V Precision Voltage References 5V, 10V Precision Voltage References 5V/ 10V Precision Voltage References
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LT1019MH-10 LT1019MH-2.5 LT1019MH-4.5 LT1019MH-5 L |
Hex Inverters With Open-Collector Outputs 14-PDIP 0 to 70 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, MBCY8 Quadruple 2-Input Positive-AND Gates 14-SOIC 0 to 70 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 4.5 V, PDSO8 Precision Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8 Precision Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, PDSO8 Precision Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 4.5 V, MBCY8 Precision Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, MBCY8 ER 6C 3#16 3#8 PIN RECP From old datasheet system Precision References
|
Linear Technology, Corp. 基准电压电流 Linear Technology Corporation LINER[Linear Technology] http://
|
G65SC22PEI3 G65SC22PEI1 G65SC22PEI2 G65SC22PEI4 G6 |
CMOS VERSATILE INTERFACE ADAPTER WITH INTERVAL TIMER/COUNTERS Tantalum Molded Capacitor; Capacitance: 150uF; Voltage: 10V; Case Size: 7.3x4.3 mm; Packaging: Tape & Reel 的CMOS多功能接口适配器间隔计时器/计数 Tantalum Molded Capacitor; Capacitance: 22uF; Voltage: 10V; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 2.2uF; Voltage: 10V; Case Size: 3.2x1.6 mm; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 150uF; Voltage: 10V; Case Size: 7.3x4.3 mm; Packaging: Tape & Reel Peripheral Interface
|
California Micro Devices Co... California Micro Devices Corporation
|
MAX6225 MAX6225ACPA MAX6225ACSA MAX6225AEPA MAX622 |
Low-Noise Precision 2.5V/ 4.096V/ 5V Voltage References From old datasheet system Low-Noise / Precision / 2.5V/ 4.096V/ 5V Voltage References Low-Noise, Precision, 2.5V/ 4.096V/ 5V Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDIP8 Low-Noise, Precision, 2.5V/ 4.096V/ 5V Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 4.096 V, PDIP8 OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS 20-CDIP -55 to 125
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
ISL60007DIB825Z ISL60007CIB825Z |
Precision 2.50V, 1.08U-Watt, High Precision FGA Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8
|
Intersil, Corp.
|
ICL7660 ICL7660A |
Voltage Inverter, 5 to ?V, Input Voltage 1.5-10V, or Voltage Doubler to 18.6V
|
Intersil
|
TC56 TC562502ECT TC563002ECT TC563302ECT |
The TC56 is a low supply current (11 µA typ at VOUT =3V), low dropout CMOS linear regulator, with a 10V maximum input voltage range. CMOS construction eliminates wasted ground current typical of bipolar regulators for greater system e 150mA, 10V LDO with Shutdown
|
MICROCHIP[Microchip Technology]
|
NTE1953 |
Integrated Circuit Positive 3 Terminal Voltage Regulator, Low Dropout Voltage, 10V, 1A
|
NTE[NTE Electronics]
|
LT1630 |
30MHz, 10V/us, Dual/Quad Rail-to-Rail Input and Output Precision Op Amps
|
Linear Technology Corporation
|
LA5000MSERIES 1543 LA5002M LA5009M LA5004M LA5006M |
Voltage Regulators: 9V low-saturation voltage regulator Voltage Regulators: 3V low-saturation voltage regulator Voltage Regulators: 10V low-saturation voltage regulator 2 V low-saturation voltage regulator 9 V low-saturation voltage regulator 2 TO 10V 60MA LOW SATURATION VOLTAGE REGULATORS From old datasheet system Monolithic Linear IC 2V 60mA Low Saturation Voltage Regulator(输出电压2V,输出电流为60mA低饱和电源稳压器) 6V 60mA Low Saturation Voltage Regulator(输出电压6V,输出电流为60mA低饱和电源稳压器)
|
SANYO[Sanyo Semicon Device] Sanyo Semiconductor Sanyo Electric Co.,Ltd.
|
REF191 REF198FS REF19XGRU REF192FS REF192ES REF19X |
Precision Micropower/ Low Dropout/ Voltage References Precision Micropower, Low Dropout, Voltage References 精密微功耗,低压差,电压基准 Precision Micropower, Low Dropout, Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8
|
Analog Devices, Inc. ANALOG DEVICES INC
|